Part Number Hot Search : 
F1002 KSD986 19NC60 GF1050C AMPHENOL KP8M7 DF150 BT134
Product Description
Full Text Search
 

To Download BSH102T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1997 jun 19 file under discrete semiconductors, sc13b 1997 dec 08 discrete semiconductors bsh102 n-channel enhancement mode mos transistor a ndbook, halfpage m3d088
1997 dec 08 2 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 features very low threshold high-speed switching no secondary breakdown direct interface to c-mos, ttl etc. applications power management dc to dc converters battery powered applications glue-logic; interface between logic blocks and/or periphery general purpose switch. description n-channel enhancement mode mos transistor in a sot23 smd package. pinning - sot23 pin symbol description 1 g gate 2 s source 3 d drain fig.1 simplified outline and symbol. handbook, halfpage s d g mam273 2 1 3 top view quick reference data symbol parameter conditions min. max. unit v ds drain-source voltage (dc) - 30 v v sd source-drain diode forward voltage v gd = 0; i s = 0.5 a - 1v v gs gate-source voltage (dc) - 20 v v gsth gate-source threshold voltage v ds =v gs ; i d = 1 ma 1 - v i d drain current (dc) t s =80 c - 0.85 a r dson drain-source on-state resistance v gs = 10 v; i d = 0.5 a - 0.4 w p tot total power dissipation t s =80 c - 0.5 w caution this product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling. for further information, refer to philips specs.: snw-eq-608, snw-fq-302a and snw-fq-302b.
1997 dec 08 3 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 limiting values in accordance with the absolute maximum rating system (iec 134). notes 1. t s is the temperature at the soldering point of the drain lead. 2. pulse width and duty cycle limited by maximum junction temperature. 3. device mounted on printed-circuit board with an r th a-tp (ambient to tie-point) of 27.5 k/w. 4. device mounted on printed-circuit board with an r th a-tp (ambient to tie-point) of 90 k/w. symbol parameter conditions min. max. unit v ds drain-source voltage (dc) - 30 v v gs gate-source voltage (dc) - 20 v i d drain current (dc) t s =80 c; note 1 - 0.85 a i dm peak drain current note 2 - 3.4 a p tot total power dissipation t s =80 c - 0.5 w t amb =25 c; note 3 - 0.75 w t amb =25 c; note 4 - 0.54 w t stg storage temperature - 55 +150 c t j operating junction temperature - 55 +150 c source-drain diode i s source current (dc) t s =80 c - 0.5 a i sm peak pulsed source current note 2 - 2a fig.2 power derating curve. handbook, halfpage 0 40 80 160 0.6 0.2 0 0.4 mgm190 120 p tot (w) t s ( c) fig.3 soar. d = 0.01; t s =80 c. (1) r dson limitation. handbook, halfpage mgm210 10 1 110 10 - 3 10 - 2 10 - 1 10 2 10 - 1 v ds (v) i ds (a) t p t p t t p t d = dc (1)
1997 dec 08 4 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 thermal characteristics symbol parameter value unit r th j-s thermal resistance from junction to soldering point 140 k/w fig.4 transient thermal resistance from junction to soldering point as a function of pulse time; typical values. (1) d =1. (2) d = 0.75. (3) d = 0.5. (4) d = 0.33. (5) d = 0.2. (6) d = 0.1. (7) d = 0.05. (8) d = 0.02. (9) d = 0.01. (10) d =0. handbook, full pagewidth 10 3 10 2 10 1 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 1 mgm201 r th j-s (k/w) t p (s) (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) t p t p t p t t d =
1997 dec 08 5 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 characteristics t j =25 c unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit v (br)dss drain-source breakdown voltage v gs = 0; i d =10 m a30 -- v v gsth gate-source threshold voltage v gs =v ds ; i d = 1 ma 1 -- v i dss drain-source leakage current v gs = 0; v ds =24v -- 100 na i gss gate leakage current v gs = 20 v; v ds =0 -- 100 na r dson drain-source on-state resistance v gs = 10 v; i d = 0.5 a -- 0.4 w v gs = 4.5 v; i d = 0.25 a -- 0.6 w c iss input capacitance v gs = 0; v ds =24v; f=1mhz - 67 - pf c oss output capacitance v gs = 0; v ds =24v; f=1mhz - 27 - pf c rss reverse transfer capacitance v gs = 0; v ds =24v; f=1mhz - 13 - pf q g total gate charge v gs = 10 v; v dd =15v; i d = 0.5 a; t amb =25 c - 2290 - pc q gs gate-source charge v dd = 15 v; i d = 0.5 a; t amb =25 c - 150 - pc q gd gate-drain charge v dd = 15 v; i d = 0.5 a; t amb =25 c - 780 - pc switching times t d(on) turn-on delay time v gs = 0 to 10 v; v dd =15v; i d = 0.5 a; r gen =6 w - 3.5 - ns t f fall time v gs = 0 to 10 v; v dd =15v; i d = 0.5 a; r gen =6 w - 4 - ns t on turn-on switching time v gs = 0 to 10 v; v dd =15v; i d = 0.5 a; r gen =6 w - 7.5 - ns t d(off) turn-off delay time v gs =10to0v; v dd =15v; i d = 0.5 a; r gen =6 w - 8 - ns t r rise time v gs =10to0v; v dd =15v; i d = 0.5 a; r gen =6 w - 3 - ns t off turn-off switching time v gs =10to0v; v dd =15v; i d = 0.5 a; r gen =6 w - 11 - ns source-drain diode v sd source-drain diode forward voltage v gd = 0; i s = 0.5 a -- 1v t rr reverse recovery time i s = 0.5 a; di/dt = - 100 a/ m s - 25 - ns
1997 dec 08 6 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 fig.5 switching times test circuit with input and output waveforms. h andbook, full pagewidth mam274 90 % 10 % 10 % 90 % v in v out t d(on) t on t off t f t r t d(off) 0 0 v dd r l v out v in fig.6 gate-source and drain-source voltages as functions of total gate charge; typical values. v dd = 15 v; i d = 0.5 a; t amb =25 c. (1) v ds . (2) v gs. handbook, halfpage q g (pc) v gs (v) v ds (v) mgm205 (1) (2) 0 2 4 6 8 10 12 0 2 4 6 8 10 12 14 16 0 184 414 652 892 1110 1324 1538 1752 1966 2180 fig.7 output characteristics; typical values. t amb =25 c; t p = 300 m s; d =0. (1) v gs =10v. (2) v gs =6v. (3) v gs =5v. (4) v gs = 4.5 v. (5) v gs =4v. (6) v gs = 3.5 v. (7) v gs =3v. (8) v gs = 2.5 v. handbook, halfpage 0 4 3 2 1 0 210 mgm203 468 v ds (v) i d (a) (1) (2) (3) (4) (8) (5) (7) (6)
1997 dec 08 7 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 fig.8 transfer characteristic; typical values. v ds = 10 v; t amb =25 c; t p = 300 m s; d =0. handbook, halfpage 0 4 3 2 1 0 6 mgm204 24 v gs (v) i d (a) fig.9 capacitance as a function of drain-source voltage; typical values. v gs = 0 ; f = 1 mhz; t amb =25 c. handbook, halfpage 0 160 80 120 40 0 30 mgm202 10 20 c (pf) v ds (v) c iss c oss c rss fig.10 source current as a function of source-drain diode forward voltage; typical values. v gd =0. (1) t amb = 150 c. (2) t amb =25 c. (3) t amb = - 65 c. handbook, halfpage 0 0.4 1.2 2 0 0.4 1.6 1.2 0.8 mgh206 0.8 v sd (v) i s (a) (2) (3) (1) fig.11 drain-source on-state resistance as a function of gate-source voltage; typical values. t amb =25 c; t p = 300 m s; d =0. (1) i d = 0.1 a. (2) i d = 0.25 a. (3) i d = 0.5 a. (4) i d = 0.75 a. (5) i d =1a. (6) i d =2a. (7) i d =4a. handbook, halfpage 10 10 - 1 1 10 6 24 0 mgm207 8 (5) (4) (3) (2) (1) (7) (6) r dson ( w ) v gs (v)
1997 dec 08 8 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 fig.12 temperature coefficient of gate-source threshold voltage as a function of junction temperature; typical values. v gsth at v ds =v gs ; i d = 1 ma. k v gsth at t j v gsth at 25 c -------------------------------------- = handbook, halfpage - 65 185 0.6 0.8 mgm208 1 1.2 - 15 35 85 135 t j ( c) k fig.13 temperature coefficient of drain-source on-resistance as a function of junction temperature; typical values. (1) r dson at v gs = 10 v; i d = 0.5 ma. (2) r dson at v gs = 4.5 v; i d = 0.25 ma. k r dson at t j r dson at 25 c ----------------------------------------- = handbook, halfpage - 65 185 0.6 1 mgm209 1.4 0.8 1.2 1.6 1.8 - 15 35 85 135 t j ( c) k (2) (1)
1997 dec 08 9 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 package outline unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 97-02-28 iec jedec eiaj mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface mounted package; 3 leads sot23
1997 dec 08 10 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
1997 dec 08 11 philips semiconductors product speci?cation n-channel enhancement mode mos transistor bsh102 notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1997 sca56 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 1231, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 3 301 6312, fax. +34 3 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 632 2000, fax. +46 8 632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2686, fax. +41 1 481 7730 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 625 344, fax.+381 11 635 777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 160 1010, fax. +43 160 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 200 733, fax. +375 172 200 773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 689 211, fax. +359 2 689 102 canada: philips semiconductors/components, tel. +1 800 234 7381 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. +45 32 88 2636, fax. +45 31 57 0044 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615800, fax. +358 9 61580920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 40 99 6161, fax. +33 1 40 99 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 23 53 60, fax. +49 40 23 536 300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 4894 339/239, fax. +30 1 4814 240 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: see singapore ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381 middle east: see italy printed in the netherlands 137107/00/02/pp12 date of release: 1997 dec 08 document order number: 9397 750 02962


▲Up To Search▲   

 
Price & Availability of BSH102T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X